PART |
Description |
Maker |
MIC5256 MIC5256-2.6BM5 MIC5256-2.7BM5 MIC5256-2.85 |
4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 150mA的LDO的管理平台,错误 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 150mA UCap LDO with Error Flag
|
Vicor, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MP28251GD |
20V, 4A Synchronous Step-Down Converter
|
Monolithic Power Systems
|
LTC7150S |
20V, 20A Synchronous Step-Down Regulator
|
Linear Technology
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
KE3587-G |
N-channel:VDS=20V ID=4A Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
QS5U21 |
Transistors > MOS FET > TSMT3,5,6 Series Small switching (?20V ?1.5A) From old datasheet system Small switching (-20V, -1.5A)
|
ROHM[Rohm]
|
CDSV3-204-G CDSV3-204-G12 |
Switching Diodes Array, V-RRM=20V, V-R=20V, P-D=200mW, I-F=100mA Small Signal Switching Diodes
|
Comchip Technology
|
IRF1902 IRF1B902 IRF1902TR |
20V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=20V)
|
International Rectifier
|
HY57V64820HGLTP-5 HY57V64820HGLTP-55 HY57V64820HGL |
4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 220uF; Voltage: 25V; Case Size: 8x11.5 mm; Packaging: Bulk
|
Hynix Semiconductor, Inc. http:// Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|